| Electronic Components Datasheet Search |
|
SL2S3003TT Datasheet(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003TT Datasheet(HTML) 47 Page - NXP Semiconductors |
|
47 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.9 ENABLE PRIVACY Command code = BAh The ENABLE PRIVACY command sets the ICODE 3 Label IC to Privacy mode, if the Privacy password is correct. In the Privacy mode, the ICODE 3 is not traceable by its UID nor by the data stored in the user memory. The two privacy modes of ICODE 3 are defined with the PRIVACY_MODE_SEL bit (see Table 34) in the configuration memory,and with the WRITE CONFIG command. • Privacy mode 1 In privacy mode 1, the ICODE 3 does not respond to any command except GET RANDOM NUMBER and SET PASSWORD. • Privacy mode 2 In privacy mode 2, the ICODE 3 responds to an Inventory command with the UID 0x E0 04 00 00 00 00 00 00. The IC reference in Get System Information command response is changed to 0x00. ICODE 3 labels in privacy mode 2 only support the following commands: – INVENTORY – SELECT – STAY QUIET – GET SYSTEM INFORMATION – PICK RANDOM ID – SET PASSWORD – GET RANDOM NUMBER – STAY QUIET PERSISTANT – RESET TO READY – READ SINGLE BLOCK – READ MULTIPLE BLOCKS Read access to data from the user memory depends on the read password protection settings. With the command PICK_RANDOM_ID (Section 8.5.3.24 "PICK RANDOM ID"), the ICODE 3 generates a random ID to respond to the inventory commands and to support the anti-collision feature. The random ID includes the CID to identify the group-key to disable the privacy mode. The XOR password must be calculated with the password and twice the received random number from the last GET RANDOM NUMBER command: XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0], Random_Number[15:0]}. To get out of the Privacy status, the valid Privacy password must be transmitted to the IC with the SET PASSWORD command. The timing of the command is write alike. SOF Flags ENABLE PRIVACY IC Mfg code UID XOR password CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 32 bits 16 bits - Table 78. ENABLE PRIVACY request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 79. ENABLE PRIVACY response format when Error_flag set SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 47 / 82 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |