Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCF10-S30-RZ3X-B3131 Datasheet(PDF) 2 Page - Turck, Inc.

Part # BCF10-S30-RZ3X-B3131
Description  Capacitive Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BCF10-S30-RZ3X-B3131 Datasheet(HTML) 2 Page - Turck, Inc.

  BCF10-S30-RZ3X-B3131 Datasheet HTML 1Page - Turck, Inc. BCF10-S30-RZ3X-B3131 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|2
Technical data
Housing material
Plastic, PA12-GF30, PEI
Active area material
PA12-GF30, yellow
Admissible pressure on front cap
≤ 3 bar
Max. tightening torque of housing nut
5 Nm
Electrical connection
Connector, 1/2''
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
MTTF
1080  years acc. to SN 29500 (Ed. 99) 40
°C
Power-on indication
Green
Switching state
LED, Red
Mounting instructions
Product features
Distance D
60 mm
Distance W
30 mm
Distance S
45 mm
Distance G
60 mm
Diameter active
area B
Ø 30 mm
The given minimum distances have been
checked against the standard switching
distance.
Should the sensitivity of the sensors be
changed via potentiometer, the data sheet
specifications no longer apply.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com