Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS6221T Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 20Page - OSRAM GmbH AS6221T Datasheet HTML 21Page - OSRAM GmbH AS6221T Datasheet HTML 22Page - OSRAM GmbH AS6221T Datasheet HTML 23Page - OSRAM GmbH AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH AS6221T Datasheet HTML 27Page - OSRAM GmbH AS6221T Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
24 / 36
/
ALERT / ADD1
connection
ADD0 connection
Alert
functionality
enabled
Device address
(bin)
Device address
(hex)
Pull up to VDD
VSS
Yes
101 1000
0x58
Pull up to VDD
VDD
Yes
101 1001
0x59
Pull up to VDD
SDA
Yes
101 1010
0x5A
Pull up to VDD
SCL
Yes
101 1011
0x5B
6.3.4
Read/write operation
In order to access an internal data register, the index register must be written in advance. This
register contains the actual register address and selects the appropriate register for an access.
A typical transfer consists of the transmission of the slave address with a write operation
indication, followed by the transmission of the register address and is finalized with the actual
register content data transfer. This implies that every write operation to the temperature sensor
device requires a value for the index register prior to the transmission of the actual register
data.
The index register defines the register address for both the write and read operation.
Consequently, if a read operation is executed, the register address is taken from the index
register which was defined from the last write operation.
If a different register needs to be read, the index register has to be written in advance to define
the new register address. This is accomplished by transmitting the slave address with a low
R/W bit, followed by the new content of the index register. Subsequently, the master provokes
a START condition on the bus and transmits the slave address with a high R/W bit in order to
initiate a read operation.
Since the index register always keeps its last value, reads can be executed repetitively on the
same register.
Similarly to the byte transfer where the MSB is transmitted first, the transfer of a 16-bit word is
executed by a two byte transfer whereas the MSB byte is always transmitted first.
6.3.5
Slave operation
The device employs a slave functionality only (slave transmitter and slave receiver) and cannot
be operated as a bus master. Consequently, the device never actively drives the SCL line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com