Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8512-ZSSP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # AS8512-ZSSP
Description  Battery pack current, voltage and temperature sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8512-ZSSP Datasheet(HTML) 6 Page - OSRAM GmbH

  AS8512-ZSSP Datasheet HTML 1Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 2Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 3Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 4Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 5Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 6Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 7Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 8Page - OSRAM GmbH AS8512-ZSSP Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Short Datasheet ● PUBLIC ● Document Feedback
DS001088 ● v1-00 ● 2024-Jan-31
6 / 9
AS8512
Pin assignments
3
Pin assignments
Figure 2: Pin assignment of AS8512 (Top View)
3.1
Pin descriptions
Table 2: Pin description of AS8512
Pin number
Pin name
Pin type
Description
1RSHH
Analog input
Positive differential input for current channel
2
RSHL
Negative differential input for current channel
3REF
Analog output
Internal reference voltage to sigma-delta ADC;
connect 100nF to AVSS from this pin.
4VCM
Common mode voltage to the internal
measurement path; connect 100nF to AVSS from
this pin.
5AVDD
Supply pad
+3.3V analog power-supply
6
AVSS
0V power-supply analog
VBAT_IN
DVDD
SDO
SDI
SCLK
CS
AVDD
INT
CLK
DVSS
RSHH
RSHL
ETR
VCM
ETS
CHOP_CLK
MEN
AVSS
REF
AS8512
VBAT_GND
6
8
3
9
10
1
2
7
5
4
12
16
20
19
14
17
13
15
18
11



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com