Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCD2007K Datasheet(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

Part # FCD2007K
Description  Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FCD2007K Datasheet(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  FCD2007K Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FCD2007K Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FCD2007K Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FCD2007K Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . FCD2007K Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
2
4
6
8
10
0
5
10
15
20
2
4
6
8
10
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
0
1
2
3
4
5
6
7
8
9
10
0.4
0.6
0.8
1.0
1.2
1E-4
1E-3
0.01
0.1
1
25
50
75
100
125
400
500
600
700
800
1
2
3
4
5
6
7
10
15
20
25
30
35
10V
3.0V
2.0V
1.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
Pulsed
V
GS
=1.2V
GATE TO SOURCE VOLTAGE
V
GS
(V)
I
D
=7A
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
DS
=16V
Pulsed
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
Pulsed
V
SD
I
S ——
7
Output Characteristics
JUNCTION TEMPERATURE
T
J
(
)
I
D
=250uA
Threshold Voltage
VGS=3.8V
DRAIN CURRENT
I
D
(A)
Pulsed
VGS=4.5V
I
D
——
R
DS(ON)
VGS=2.5V
T
J=100
℃
T
J=25
℃
T
J=25
℃
T
J=25
℃
T
J=25
℃
T
J=25
℃
Pulsed
Typical Characteristics
FCD2007K
Dual N-Channel MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com