Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34712 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34712
Description  3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34712 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34712 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Document number: MC34712
Rev. 4.0, 5/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
3.0 A 1.0 MHz Fully Integrated
DDR Switch-Mode Power
Supply
The 34712 is a highly integrated, space efficient, low cost, single
synchronous buck switching regulator with integrated N-channel
power MOSFETs. It is a high performance point-of-load (PoL) power
supply with the ability to track an external reference voltage.
Its high efficient 3.0 A sink and source capability combined with its
voltage tracking/sequencing ability and tight output regulation, makes
it ideal to provide the termination voltage (VTT) for modern data buses
such as Double-Data-Rate (DDR) memory buses. It also provides a
buffered output reference voltage (VREF) to the memory chipset
The 34712 offers the designer the flexibility of many control,
supervisory, and protection functions to allow for easy implementation
of complex designs. It is housed in a Pb-Free, thermally enhanced,
and space efficient 24-Pin Exposed Pad QFN.
Features
•45 mΩ Integrated N-Channel Power MOSFETs
• Input Voltage Operating Range from 3.0 V to 6.0 V
•
±1 % Accurate Output Voltage, Ranging from 0.7 V to 1.35 V
•
±1 % Accurate Buffered Reference Output Voltage
• Programmable Switching Frequency Range from 200 kHz to
1.0 MHz with a default of 1.0 MHz
• Over Current Limit and Short Circuit Protection
• Thermal Shutdown
• Output Overvoltage and Undervoltage Detection
• Active Low Power Good Output Signal
• Active Low Standby and Shutdown Inputs
• Pb-Free Packaging Designated by Suffix Code EP.
Figure 1. 34712 Simplified Application Diagram
SWITCH-MODE POWER SUPPLY
EP SUFFIX
98ARL10577D
24-PIN QFN
34712
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34712EP/R2
-40 to 85°C
24 QFN
VIN
MCU
PVIN
VREFIN
VIN
VDDI
FREQ
GND
SD
STBY
BOOT
SW
VOUT
INV
COMP
VREFOUT
PGND
PG
DDR MEMORY
CONTROLER
34712
VDDQ
DDR MEMORY
CHIPSET
VIN
VREF
VTT
VDDQ
VDDQ
MEMORY
BUS
TERMINATING
RESISTORS
(3.0V TO 6.0V)


Similar Part No. - 34712

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3471 KEYSTONE-3471 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Motorola, Inc
34710 MOTOROLA-34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Freescale Semiconductor...
34710 FREESCALE-34710 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
ITT Industries
347100000 ITT-347100000 Datasheet
671Kb / 8P
Thumbwheel Switches
347100001 ITT-347100001 Datasheet
671Kb / 8P
Thumbwheel Switches
More results

Similar Description - 34712

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
FULLY INTEGRATED POWER SUPPLY
Oct-2000
logo
Freescale Semiconductor...
34713 FREESCALE-34713 Datasheet
510Kb / 21P
5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
3.0A Switch-Mode Power Supply with Linear Regulator
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34713UG NXP-KT34713UG Datasheet
2Mb / 18P
Using the 5.0A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
Rev. 4.0, 1/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com