Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF52223 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF52223
Description  ColdFire Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52223 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF52223 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF52223 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MCF52223 Family Configurations
MCF52223 ColdFire Microcontroller, Rev. 2
Freescale Semiconductor
21
1.3
Reset Signals
Table 3 describes signals used to reset the chip or as a reset indication.
1.4
PLL and Clock Signals
Table 4 describes signals used to support the on-chip clock generation circuitry.
1.5
Mode Selection
Table 5 describes signals used in mode selection; Table 6 describes the particular clocking modes.
Table 3. Reset Signals
Signal Name
Abbreviation
Function
I/O
Reset In
RSTI
Primary reset input to the device. Asserting RSTI for at least 8 CPU
clock cycles immediately resets the CPU and peripherals.
I
Reset Out
RSTO
Driven low for 1024 CPU clocks after the reset source has deasserted.
O
Table 4. PLL and Clock Signals
Signal Name
Abbreviation
Function
I/O
External Clock In
EXTAL
Crystal oscillator or external clock input except when the on-chip
relaxation oscillator is used.
I
Crystal
XTAL
Crystal oscillator output except when CLKMOD1=1, then sampled as
part of the clock mode selection mechanism.
O
Clock Out
CLKOUT
This output signal reflects the internal system clock.
O
Table 5. Mode Selection Signals
Signal Name
Abbreviation
Function
I/O
Clock Mode Selection
CLKMOD[1:0]
Selects the clock boot mode.
I
Reset Configuration
RCON
The Serial Flash Programming mode is entered by asserting the
RCON pin (with the TEST pin negated) as the chip comes out of
reset. During this mode, the EzPort has access to the flash memory
which can be programmed from an external device.
Test
TEST
Reserved for factory testing only and in normal modes of operation
should be connected to VSS to prevent unintentional activation of
test functions.
I
Table 6. Clocking Modes
CLKMOD[1:0]
XTAL
Configure the clock mode.
00
0
PLL disabled, clock driven by external oscillator
00
1
PLL disabled, clock driven by on-chip oscillator
01
N/A
PLL disabled, clock driven by crystal
10
0
PLL in normal mode, clock driven by external oscillator
10
1
PLL in normal mode, clock driven by on-chip oscillator
11
N/A
PLL in normal mode, clock driven by crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com