Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

908E621 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 908E621 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
908E621
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE RANGE
Nominal Operating Voltage
VSUP1
9.0
—
16
V
Extended Operating Voltage (LIN only 8..18V)(9)
VSUP2
7.5
—
20
V
SUPPLY CURRENT RANGE
Normal Mode (9)
VSUP = 12 V, Analog Chip in Normal Mode (PSON=1), MCU Operating
Using Internal Oscillator at 32 MHz (8.0 MHz Bus Frequency), SPI,
ESCI, ADC Enabled
Stop Mode (9), (10)
VSUP = 12 V, Voltage Regulator with limited current capability
Sleep Mode (9), (10)
VSUP = 12 V, Voltage Regulator off
IRUN
ISTOP
ISLEEP
—
—
—
25
40
12
—
50
20
mA
µA
µA
DIGITAL INTERFACE RATINGS (ANALOG DIE)
Output terminals RST_A, IRQ_A, RXD (MISO probe only)
Low-state Output Voltage (IOUT = -1.5 mA)
High-state Output Voltage (IOUT = 250 uA)
VOL
VOH
–
3.85
–
–
0.4
–
V
Output terminal RXD - Capacitance (11)
COUT
–4.0
–
pF
Input terminals RST_A, PWM (SS, MOSI, TXD probe only)
Input Logic Low Voltage
Input Logic High Voltage
VIL
VIH
–
3.5
–
–
1.5
–
V
Input terminals - Capacitance (11)
CIN
–4.0
–
pF
Terminals IRQ_A, RST_A - Pullup Resistor
RPULLUP1
–10
–
kOhm
Terminals SS - Pullup Resistor
RPULLUP2
–100
–
kOhm
Terminals MOSI, SPSCK, PWM - Pull-down Resistor
RPULLDOWN
–100
–
kOhm
Terminal TXD - PULLup Current Source
IPULLUP
–35
–
µA
Notes
8.
Device is fully functional, but some of the parameters might be out of spec.
9.
Total current measured at GND terminals.
10.
Stop and Sleep mode current will increase if VSUP exceeds 15 V.
11.
This parameter is guaranteed by process monitoring but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com