Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMR20-1-ACV-R-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMR20-1-ACV-R-C
Description  Self-Powered, 85 to 264Vac, LED Display Line Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR20-1-ACV-R-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMR20-1-ACV-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMR20-1-ACV-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMR20-1-ACV-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMR20-1-ACV-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL SPECIFICATIONS
Dimensions are in inches (mm).
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.51)
.XXX ± 0.010 (0.254)
Angles ± 2˚
Components are shown for reference only.
1.50 (38.1)
1.08 (27.4)
1.18 (29.8)
0.655 (16.64)
0.55 (14)
0.080 (2.03)
0.10 (2.5)
0.062 (1.58)
0.100 (2.54)
1.210 (30.73)
AC VOLTS
V
TRUE RMS
TB1
A B
Recommended panel cutout
3D models are available at www.murata-ps.com/en/3d/meters.html
1. Description of safety marks:
Caution, risk of electrical shock
Caution, risk of danger
Equipment is protected throughout by double or reinforced insulation
2. Cleaning Instructions: Gently clean with dry cloth only.
3. Caution: if the equipment is used in a manner not specified by Murata Power Solutions, the protection provided by the equipment may be impaired.
www.murata-ps.com/support
DMR20-1-ACV
Self-Powered,
85 to 264Vac, LED Display Line Monitor
MPM_DMR20-1-ACV.B03 Page 3 of 4
NANO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com