Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA7260QR2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA7260QR2
Description  짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7260QR2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA7260QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7260QR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Sensors
Freescale Semiconductor
9
MMA7260QT
PACKAGE DIMENSIONS
CASE 1622-02
ISSUE B
16-LEAD QFN
PAGE 1 OF 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com