Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8313E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Freescale Semiconductor
Technical Data
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
This document provides an overview of the MPC8313E
PowerQUICC™ II Pro processor features, including a block
diagram showing the major functional components. The
MPC8313E is a cost-effective, low-power, highly integrated
host processor that addresses the requirements of several
printing and imaging, consumer, and industrial applications,
including main CPUs and I/O processors in printing systems,
networking switches and line cards, wireless LANs
(WLANs), network access servers (NAS), VPN routers,
intelligent NIC, and industrial controllers. The MPC8313E
extends the PowerQUICC™ family, adding higher CPU
performance, additional functionality, and faster interfaces
while addressing the requirements related to time-to-market,
price, power consumption, and package size.
1Overview
The MPC8313E incorporates the e300c3 core, which
includes 16 Kbytes of L1 instruction and data caches and
on-chip memory management units (MMUs). The
MPC8313E has interfaces to dual enhanced three-speed 10,
100, 1000 Mbps Ethernet controllers, a DDR1/DDR2
SDRAM memory controller, an enhanced local bus
controller, a 32-bit PCI controller, a dedicated security
Document Number: MPC8313EEC
Rev. 0, 06/2007
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 7
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 11
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 14
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 16
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
8. Ethernet: Three-Speed Ethernet, MII Management . 23
9. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
11. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
12. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
13. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
14. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
15. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
16. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
17. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
18. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 56
19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
21. System Design Information . . . . . . . . . . . . . . . . . . . 81
22. Document Revision History . . . . . . . . . . . . . . . . . . . 87
23. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 87
MPC8313E
PowerQUICC™ II Pro Processor
Hardware Specifications


Similar Part No. - MPC8313E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 92P
PowerQUICC??II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8313E-RDBC NXP-MPC8313E-RDBC Datasheet
1Mb / 52P
Reference Design Board
09/2012
logo
Freescale Semiconductor...
MPC8313ECVRAFD FREESCALE-MPC8313ECVRAFD Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313ECVRAFDA FREESCALE-MPC8313ECVRAFDA Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313ECVRAFDB FREESCALE-MPC8313ECVRAFDB Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8313E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E_08 Datasheet
1Mb / 92P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com