Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8323EVRADDC Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC8323EVRADDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EVRADDC Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC8323EVRADDC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
54
Freescale Semiconductor
Package and Pin Listings
Power and Ground Supplies
AVDD1P3
I
AVDD1
AVDD2
AA1
I
AVDD2
AVDD3
AB15
I
AVDD3
AVDD4C24
I
AVDD4
MVREF1
AB8
I
DDR
reference
voltage
MVREF2
AB17
I
DDR
reference
voltage
PCI
PCI_INTA /IRQ_OUT
AF2
O
OVDD
2
PCI_RESET_OUT
AE2
O
OVDD
PCI_AD0/MSRCID0 (DDR ID)
L1
IO
OVDD
PCI_AD1/MSRCID1 (DDR ID)
L2
IO
OVDD
PCI_AD2/MSRCID2 (DDR ID)
M1
IO
OVDD
PCI_AD3/MSRCID3 (DDR ID)
M2
IO
OVDD
PCI_AD4/MSRCID4 (DDR ID)
L3
IO
OVDD
PCI_AD5/MDVAL (DDR ID)
N1
IO
OVDD
PCI_AD6
N2
IO
OVDD
PCI_AD7
M3
IO
OVDD
PCI_AD8
P1
IO
OVDD
PCI_AD9
R1
IO
OVDD
PCI_AD10
N3
IO
OVDD
PCI_AD11
N4
IO
OVDD
PCI_AD12
T1
IO
OVDD
PCI_AD13
R2
IO
OVDD
PCI_AD14/ECID_TMODE_IN
T2
IO
OVDD
PCI_AD15
U1
IO
OVDD
PCI_AD16
Y2
IO
OVDD
PCI_AD17
Y1
IO
OVDD
PCI_AD18
AA2
IO
OVDD
PCI_AD19
AB1
IO
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com