Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BES02ZY Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES02ZY
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02ZY Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES02ZY Datasheet HTML 1Page - Balluff Korea Ltd. BES02ZY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES M30ME1-GNX15B-S04G-EEX
Order Code: BES02ZY
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 288245
ETIM 6.0: EC002714
BES02ZY_1.6_2023-12-21
1 / 2
Basic features
Approval/Conformity
CE
ATEX
IECEx
FM
cCSAus
WEEE
CCC Ex
Basic standard
EN IEC 60079-0
EN 60079-11
EN 60079-26
IEC 60079-0
IEC 60079-11
IEC 60079-26
IEC 60529
IEC 60947-5-6
CSA Class 258 04
CSA Class 258 84
FM Class 3600
FM Class 3610
FM Class 3810
Including Supplement 1
ANSI/NEMA 250
Ex marking
ATEX: Ex II 1G Ex ia IIB T6 Ga Ta:
-20 ... 70 °C
Ex II 2G Ex ia IIC T6 Gb Ta: -20 …
70 °C
Ex II 1D Ex ia IIIC T90°C Da Ta: -20
… 70 °C
IECEx: Ex ia IIC T6 Gb Ta: -20…70
°C
Ex ia IIB T6 Ga Ta: -20…70 °C
Ex ia IIIC T90°C Da Ta: -20…70 °C
NEC: CSA/FM Class I, Division 1,
Groups ABCD
Class II, Division 1, Groups EFG
Class III
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
no


Similar Part No. - BES02ZY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES02Z0 BALLUFF-BES02Z0 Datasheet
92Kb / 2P
Inductive Sensors
2023-02-20
BES02Z1 BALLUFF-BES02Z1 Datasheet
92Kb / 2P
Inductive Sensors
2023-12-20
BES02Z2 BALLUFF-BES02Z2 Datasheet
92Kb / 2P
Inductive Sensors
2023-02-20
BES02Z3 BALLUFF-BES02Z3 Datasheet
92Kb / 2P
Inductive Sensors
2023-02-20
BES02Z5 BALLUFF-BES02Z5 Datasheet
92Kb / 2P
Inductive Sensors
2023-07-28
More results

Similar Description - BES02ZY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com