Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M36L0R7060T1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M36L0R7060T1
Description  128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36L0R7060T1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M36L0R7060T1 Datasheet HTML 14Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 15Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 16Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 17Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 18Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 19Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 20Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 21Page - STMicroelectronics M36L0R7060T1 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
M36L0R7060T1, M36L0R7060B1
Revision history
21/22
8
Revision history
Table 8.
Document revision history
Date
Revision
Changes
23-May-2006
0.1
First release.
31-Aug-2006
0.2
PSRAM changed to M69KM096AM. Blank and T removed below
Option in Table 7: Ordering information scheme.
07-May-2007
1
Document status promoted from Target Specification to full Datasheet.
70 ns speed class and 66 MHz frequency added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com