Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BES05RF Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES05RF
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05RF Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES05RF Datasheet HTML 1Page - Balluff Korea Ltd. BES05RF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M05EG-PSD08B-ES01-GS49-T
Order Code: BES05RF
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 272787
ETIM 6.0: EC002714
BES05RF_0.108_2023-12-20
2 / 2
Material
Housing material
1.4104 stainless steel
Material jacket
Silicone
Material sensing surface
Ceramic
Mechanical data
Dimension
Ø 5 x 42 mm
Installation
for flush mounting
Pressure rating max.
10 bar
Pressure rating, note
oil pressure rated
Size
M5x0.5
Tightening torque
1.5 Nm
Range/Distance
Assured operating distance Sa
0.58 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
0.8 mm
Repeat accuracy max. (% of Sr)
10 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
Derating 0°C≤Ta≤110°C: 100mA, 110°CPower indicator and function indicator in connector.
Sealing of the thread with a sealing tape made of PTFE.
The sensor is functional again after the overload has been eliminated.
Correction factor for damping material cast iron: 0.89...1.05
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com