Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC02APWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02APWR
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02APWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74LVC02APWR Datasheet HTML 14Page - Texas Instruments SN74LVC02APWR Datasheet HTML 15Page - Texas Instruments SN74LVC02APWR Datasheet HTML 16Page - Texas Instruments SN74LVC02APWR Datasheet HTML 17Page - Texas Instruments SN74LVC02APWR Datasheet HTML 18Page - Texas Instruments SN74LVC02APWR Datasheet HTML 19Page - Texas Instruments SN74LVC02APWR Datasheet HTML 20Page - Texas Instruments SN74LVC02APWR Datasheet HTML 21Page - Texas Instruments SN74LVC02APWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Mar-2024
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9760401Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9760401QDA
W
CFP
14
25
506.98
26.16
6220
NA
SN74LVC02AD
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC02APW
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC02APWE4
PW
TSSOP
14
90
530
10.2
3600
3.5
SNJ54LVC02AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LVC02AW
W
CFP
14
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com