Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC02APWT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02APWT
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02APWT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC02APWT Datasheet HTML 1Page - Texas Instruments SN74LVC02APWT Datasheet HTML 2Page - Texas Instruments SN74LVC02APWT Datasheet HTML 3Page - Texas Instruments SN74LVC02APWT Datasheet HTML 4Page - Texas Instruments SN74LVC02APWT Datasheet HTML 5Page - Texas Instruments SN74LVC02APWT Datasheet HTML 6Page - Texas Instruments SN74LVC02APWT Datasheet HTML 7Page - Texas Instruments SN74LVC02APWT Datasheet HTML 8Page - Texas Instruments SN74LVC02APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
SN74LVC02A
UNIT
TA = 25°C
–40°C to 85°C
–40°C to 125°C
MIN
MAX
MIN
MAX
MIN
MAX
VIH
High-level
input voltage
VCC = 1.65V to 1.95V
0.65 ×
VCC
0.65 × VCC
0.65 ×
VCC
V
VCC = 2.3V to 2.7V
1.7
1.7
1.7
VCC = 2.7V to 3.6V
2
2
2
VIL
Low-level
input voltage
VCC = 1.65V to 1.95V
0.35 ×
VCC
0.35 ×
VCC
0.35 ×
VCC
V
VCC = 2.3V to 2.7 V
0.7
0.7
0.7
VCC = 2.7V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level
output current
VCC = 1.65V
–4
–4
–4
mA
VCC = 2.3V
–8
–8
–8
VCC = 2.7V
–12
–12
–12
VCC = 3V
–24
–24
–24
IOL
Low-level
output current
VCC = 1.65V
4
4
4
mA
VCC = 2.3V
8
8
8
VCC = 2.7V
12
12
12
VCC = 3V
24
24
24
4.5 Thermal Information
THERMAL METRIC
(1)
SNx4LVC02A
UNIT
BQA
(WQFN)
D (SOIC)
DB (SSOP)
NS (SOP)
PW
(TSSOP)
RGY
(VQFN)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
R θJA
Junction-to-ambient
thermal resistance
102.3
86
96
76
113
47
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
4.6 Electrical Characteristics, SN54LVC02A
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LVC02A
UNIT
–55°C to 125°C
MIN
TYP
MAX
VOH
IOH = –100μA
2.7V to 3.6V
VCC – 0.2
V
IOH = –12mA
2.7V
2.2
3V
2.4
IOH = –24mA
3V
2.2
VOL
IOL = 100μA
2.7V to 3.6V
0.2
V
IOL = 12mA
2.7V
0.4
IOL = 24mA
3V
0.55
II
VI = 5.5V or GND
3.6V
±5
μA
ICC
VI = VCC or GND, IO = 0
3.6V
10
μA
ΔICC
One input at VCC – 0.6V, Other inputs at VCC or GND
2.7V to 3.6V
500
μA
www.ti.com
SN54LVC02A, SN74LVC02A
SCAS280R – JANUARY 1993 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54LVC02A SN74LVC02A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com