Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC08ABQAR Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74LVC08ABQAR
Description  SNx4LVC08A Quadruple 2-Input Positive-AND Gates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08ABQAR Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC08ABQAR Datasheet HTML 16Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 17Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 18Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 19Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 20Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 21Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 22Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 23Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Mar-2024
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC08APWG4
ACTIVE
TSSOP
PW
14
90
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08APWR
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08APWRE4
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08APWRG3
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08APWRG4
ACTIVE
TSSOP
PW
14
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08APWT
ACTIVE
TSSOP
PW
14
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08APWTG4
ACTIVE
TSSOP
PW
14
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC08A
Samples
SN74LVC08ARGYR
ACTIVE
VQFN
RGY
14
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LC08A
Samples
SN74LVC08ARGYRG4
ACTIVE
VQFN
RGY
14
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LC08A
Samples
SNJ54LVC08AFK
ACTIVE
LCCC
FK
20
55
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-
9753401Q2A
SNJ54LVC
08AFK
Samples
SNJ54LVC08AJ
ACTIVE
CDIP
J
14
25
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-9753401QC
A
SNJ54LVC08AJ
Samples
SNJ54LVC08AW
ACTIVE
CFP
W
14
25
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-9753401QD
A
SNJ54LVC08AW
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com