Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC02A Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02A
Description  SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02A Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74LVC02A Datasheet HTML 11Page - Texas Instruments SN74LVC02A Datasheet HTML 12Page - Texas Instruments SN74LVC02A Datasheet HTML 13Page - Texas Instruments SN74LVC02A Datasheet HTML 14Page - Texas Instruments SN74LVC02A Datasheet HTML 15Page - Texas Instruments SN74LVC02A Datasheet HTML 16Page - Texas Instruments SN74LVC02A Datasheet HTML 17Page - Texas Instruments SN74LVC02A Datasheet HTML 18Page - Texas Instruments SN74LVC02A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
2.6
2.4
3.1
2.9
0.8
0.6
0.05
0.00
2X 2
8X 0.5
2X 0.5
14X
0.5
0.3
14X
0.3
0.2
1.5 0.1
1 0.1
0.1 MIN
(0.2) TYP
(0.16)
TYP
(0.13)
WQFN - 0.8 mm max height
BQA0014B
PLASTIC QUAD FLATPACK - NO LEAD
4227062/B 09/2021
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
2
6
7
8
9
13
14
1
15
SCALE 4.500
A-A 35.000
SECTION A-A
TYPICAL
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com