Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002KM Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # 2N7002KM
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

2N7002KM Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  2N7002KM Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 2N7002KM Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 2N7002KM Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1E-3
0.01
0.1
1
2
012
345
0.0
0.4
0.8
1.2
0
300
600
900
1200
1500
0
1
2
3
4
5
024
68
10
0
2
4
6
8
10
02
46
8
0.0
0.4
0.8
1.2
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T
a=25
℃
Pulsed
Pulsed
T
a=100
℃
V
SD
I
S
——
T
a=25
℃
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=5V,6V,7V,10V
V
GS=4V
V
GS=3V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
T
a=25
℃
Pulsed
V
GS=10V
V
GS=4.5V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(mA)
I
D
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
I
D=500mA
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
( )
℃
7\SLFDO&KDUDFWHULVWLFV
2N7002KM
N-Channel Enhancement Mode Field Effect Transistor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com