Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX8101 Datasheet(PDF) 66 Page - Texas Instruments

Part # AFEX8101
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX8101 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AFEX8101 Datasheet HTML 62Page - Texas Instruments AFEX8101 Datasheet HTML 63Page - Texas Instruments AFEX8101 Datasheet HTML 64Page - Texas Instruments AFEX8101 Datasheet HTML 65Page - Texas Instruments AFEX8101 Datasheet HTML 66Page - Texas Instruments AFEX8101 Datasheet HTML 67Page - Texas Instruments AFEX8101 Datasheet HTML 68Page - Texas Instruments AFEX8101 Datasheet HTML 69Page - Texas Instruments AFEX8101 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
7.6.1.22 GEN_STATUS Register (Offset = 21h) [Reset = 1180h]
Return to the Register Map.
Table 7-33. GEN_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ALARM_IRQ
R
0h
Alarm IRQ OR of all the unmasked bits in the ALARM_STATUS register.
0h = All of the unmasked bits of the ALARM_STATUS register are low
1h = At least one of the unmasked bits in the ALARM_STATUS register is high
14-13 RESERVED
R
0h
12
OTP_BUSY
R
1h
OTP Busy Status = 1h at power up while the OTP is being loaded into the trim latches.
0h = OTP has completed loading into the device
1h = OTP is being loaded into the device
11
RESERVED
R
0h
11-9
RESERVED
R
0h
8
RESET
R
1h
Device Reset Occurred. Status only. Does not feed IRQ.
Sticky, cleared by reading register, unless condition still persist.
0h = Device has not reset since last read of register
1h = Device has reset since last read of register
7
SR_BUSYn
R
1h
Slew Rate Not Busy. Maskable fault.
0h = DAC is slewing to the target code
1h = DAC_OUT has reached the DAC_DATA.
If slew rate is disabled, then this signal produces a rising edge within 3 internal clock
cycles. If slew rate is enabled, this signal creates an IRQ event when the DAC_OUT has
reached the DAC_DATA. At this time, slew rate can be safely disabled. If slew rate is
disabled prior to DAC_OUT = DAC_DATA then a jump of DAC_OUT occurs. This can
cause an unwanted fast transition on VOUT.
6
ADC_EOC
R
0h
ADC End of Conversion (EOC). Maskable fault.
Sticky, cleared by reading register, unless condition still persist.
0h = No EOC since last read of register; 1h = ADC end of conversion
5
ADC_BUSY
R
0h
ADC Busy. Status only. Does not feed IRQ. Active signal, set as long as condition is true.
0h = No ADC activity; 1h = ADC is actively converting
4
PVDD_HI
R
0h
PVDD High. Status only. Does not feed IRQ. Set as long as condition is true.
0h = PVDD < 2.7 V; 1h = PVDD ≥ 2.7V
3
BREAK_
FRAME_ERR
R
0h
Incorrect Stop Bit During Break Character. Maskable fault. Applies to UARTIN.
Sticky, cleared by reading register, unless condition still persist.
0h = No break frame error; 1h = Break frame error
2
BREAK_
PARITY_ERR
R
0h
Incorrect parity (ODD) bit during break character. Maskable fault. Applies to UARTIN.
Sticky, cleared by reading register, unless condition still persist.
0h = No break parity error; 1h = Break parity error
1
UART_
FRAME_ERR
R
0h
Incorrect stop bit during UART character. Maskable fault. Applies to UARTIN.
Sticky, cleared by reading register, unless condition still persist.
0h = No UART frame error; 1h = UART frame error
0
UART_
PARITY_ERR
R
0h
Incorrect parity (ODD) bit during UART character. Maskable fault. Applies to UARTIN.
Sticky, cleared by reading register, unless condition still persist.
0h = No UART parity error; 1h = UART parity error
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
66
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com