Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD1928YSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD1928YSTZ
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1928YSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD1928YSTZ Datasheet HTML 1Page - Analog Devices AD1928YSTZ Datasheet HTML 2Page - Analog Devices AD1928YSTZ Datasheet HTML 3Page - Analog Devices AD1928YSTZ Datasheet HTML 4Page - Analog Devices AD1928YSTZ Datasheet HTML 5Page - Analog Devices AD1928YSTZ Datasheet HTML 6Page - Analog Devices AD1928YSTZ Datasheet HTML 7Page - Analog Devices AD1928YSTZ Datasheet HTML 8Page - Analog Devices AD1928YSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD1928
Rev. 0 | Page 3 of 32
SPECIFICATIONS
TEST CONDITIONS
Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase deviation specifications.
Supply voltages (AVDD, DVDD)
3.3 V
Temperature range1
As specified in Table 1 and Table 2
Master clock
12.288 MHz (48 kHz fS, 256 × fS mode)
Input sample rate
48 kHz
Measurement bandwidth
20 Hz to 20 kHz
Word width
24 bits
Load capacitance (digital output)
20 pF
Load current (digital output)
±1 mA or 1.5 kΩ to ½ DVDD supply
High level input voltage
2.0 V
Low level input voltage
0.8 V
1 Functionally guaranteed at −40°C to +125°C case temperature.
ANALOG PERFORMANCE SPECIFICATIONS
Specifications guaranteed at an ambient temperature of 25°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution
All ADCs
24
Bits
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
102
dB
With A-Weighted Filter (RMS)
100
105
dB
Total Harmonic Distortion + Noise
−1 dBFS
−96
−87
dB
Full-Scale Input Voltage (Differential)
1.9
V rms
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.25
+0.25
dB
Offset Error
−10
0
+10
mV
Gain Drift
100
ppm/°C
Interchannel Isolation
−110
dB
CMRR
100 mV rms, 1 kHz
55
dB
100 mV rms, 20 kHz
55
dB
Input Resistance
14
kΩ
Input Capacitance
10
pF
Input Common-Mode Bias Voltage
1.5
V
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
104
dB
With A-Weighted Filter (RMS)
100
106
dB
With A-Weighted Filter (Average)
108
dB
Total Harmonic Distortion + Noise
0 dBFS
Single-Ended Version
Two channels running
−92
dB
Eight channels running
−86
−75
dB
Full-Scale Output Voltage
0.88 (2.48)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−25
−4
+25
mV
Gain Drift
−30
+30
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com