Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDSCB10M7GA105A-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # CDSCB10M7GA105A-R0
Description  Ceramic Discriminators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CDSCB10M7GA105A-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  CDSCB10M7GA105A-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CDSCB10M7GA105A-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CDSCB10M7GA105A-R0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CDSCB10M7GA105A-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CDSCB10M7GA105A-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CDSCB10M7GA105A-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated04/16/2024
Applications
Unsuitable
Applications
Please be sure to read and comply with
these "Precautions for use."
Specific
Applications
Consumer equipment
Please refer to Our Website and
specifications, etc. for information about
the performance, functions, quality,
management, and safety required for
the above applications, and use
Products after confirming the
performance and reliability of the actual
Product.
Appearance & Shape
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
R0
180mm Embossed Tape
2000
Features
CDSCB10M7 series forms a resonator on a piezoelectric ceramic
substrate. In combination with ICs, this type obtains stable
demodulation characteristics in a wide bandwidth.They have
1.0mm max. thickness and small mounting area(4.5x2.0mm).
Features
1. Compact and high reliability and recommended for automotive
applications.
2. Can be combined with various ICs. The IC is determined by the
last number in the part number.
3. Stable demodulation characteristics can be obtained without
adjustment.
4. Stable temperature characteristics
5. Available lead (Pb) free solder reflow.
1 of 3


Similar Part No. - CDSCB10M7GA105A-R0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDSCB10M7GA105A-R0 MURATA-CDSCB10M7GA105A-R0 Datasheet
208Kb / 3P
Operating Temperature Range
logo
Murata Manufacturing Co...
CDSCB10M7GA105A-R0 MURATA1-CDSCB10M7GA105A-R0 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
More results

Similar Description - CDSCB10M7GA105A-R0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
AM Ceramic Discriminators
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
AM Ceramic Discriminators for Surface Mounting
logo
Token Electronics Indus...
JT10.7MG3AP TOKEN-JT10.7MG3AP Datasheet
324Kb / 4P
JT10.7M Ceramic Discriminators for FM
JTC455C24TR TOKEN-JTC455C24TR Datasheet
287Kb / 2P
JTC Chip Ceramic Discriminators
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
JTCV10.7M Chip Ceramic Discriminators
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
JTM Ceramic Discriminators
logo
Murata Manufacturing Co...
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
Ceramic Discriminators
10/18/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com