Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7765EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD7765EBZ
Description  24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7765EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD7765EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7765EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD7765
Rev. 0 | Page 7 of 32
TIMING DIAGRAMS
D22
D23
D21
D20
D19
D1
D0
ST4
ST3
ST2
ST1
ST0
0
0
0
SCO (O)
FSO (O)
SDO (O)
t1
t9
32 ×
tSCO
t2
t8
t3
t4
t5
t7
t6
Figure 2. Serial Read Timing Diagram
RA15
RA14
RA13
RA12
RA11
RA10
RA9
RA8
RA1
RA0
D15
D14
D1
D0
SCO (O)
FSI (I)
SDI (I)
t12
t1
t10
t13
t14
t15
t11
t2
Figure 3. AD7765 Register Write
STATUS REGISTER
CONTENTS [31:16]
DON’T CARE
BITS [15:0]
SCO (O)
SDO (O)
FSI (I)
SDI (I)
FSO (O)
≥8 ×
tSCO
NEXT DATA READ FOLLOWING THE WRITE TO CONTROL REGISTER
CONTROL REGISTER
ADDR (0x0001)
CONTROL REGISTER
INSTRUCTION
Figure 4. AD7765 Status Register Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com