Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/333AMZ Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AMD-K6-2E/333AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AMZ Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AMZ Datasheet HTML 70Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 71Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 72Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 332 page
background image
56
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
3.7
Instructions Supported by the AMD-K6™-2E Processor
This section documents all of the x86 instructions supported by
the AMD-K6™-2E processor. Tables 12 through 15 define the
integer, floating-point, MMX, and 3DNow! instructions for the
AMD-K6-2E processor, respectively.
Each table shows the instruction mnemonic, opcode, modR/M
by te, dec o de typ e , and R I SC 86 op erat ion( s) fo r each
instruction.
Instruction
Mnemonic and
Operand Types
The first column in each table indicates the instruction
mnemonic and operand types, with the following notations:
s
disp16/32—16-bit or 32-bit displacement value
s
disp32/48—doubleword or 48-bit displacement value
s
disp8—8-bit displacement value
s
eXX—register width depending on the operand size
s
imm16/32—16-bit or 32-bit immediate value
s
imm8—8-bit immediate value
s
mem16/32—word or doubleword integer value in memory
s
mem32/48—doubleword or 48-bit integer value in memory
s
mem32real—32-bit floating-point value in memory
s
mem48—48-bit integer value in memory
s
mem64—64-bit value in memory
s
mem64real—64-bit floating-point value in memory
s
mem8—byte integer value in memory
s
mem80real—80-bit floating-point value in memory
s
mmreg—MMX/3DNow! register
s
mmreg1—MMX/3DNow! register defined by bits 5, 4, and 3
of the modR/M byte
s
mmreg2—MMX/3DNow! register defined by bits 2, 1, and 0
of the modR/M byte
s
mreg16/32—word or doubleword integer register, or word or
doubleword integer value in memory defined by the
modR/M byte
s
mreg8—byte integer register or byte integer value in
memory defined by the modR/M byte
s
reg8—byte integer register defined by instruction byte(s) or
bits 5, 4, and 3 of the modR/M byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com