Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/333AMZ Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AMD-K6-2E/333AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AMZ Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AMZ Datasheet HTML 99Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 100Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 101Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 102Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 103Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 104Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 105Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 106Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 332 page
background image
Chapter 5
Signal Descriptions
85
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5
Signal Descriptions
This chapter includes a detailed description of each signal
supported on the AMD-K6-2E processor. This chapter also
provides tables listing the signals grouped by type, beginning
on page 130.
The logic symbol diagram on page 83 shows the signals grouped
by function.
Connection diagrams and pins listed by high-level function are
included in Chapter 17, “Pin Designation Diagrams” on page
299.
5.1
Signal Terminology
The following terminology is used in this chapter:
s
Driven—The processor actively pulls the signal up to the
High-voltage state
or
pulls
the signal
down
to the
Low-voltage state.
s
Floated—The the signal is not being driven by the processor
(high-impedance state), which allows another device to
drive this signal.
s
Asserted—For all active-High signals, the term asserted
means the signal is in the High-voltage state. For all
active-Low signals, the term asserted means the signal is in
the Low-voltage state.
s
Negated—For all active-High signals, the term negated
means the signal is in the Low-voltage state. For all
active-Low signals, the term negated means the signal is in
the High-voltage state.
s
Sampled—The processor has measured the state of a signal
at predefined points in time and will take the appropriate
action based on the state of the signal. If a signal is not
sampled by the processor, its assertion or negation has no
effect on the operation of the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com