Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE4D20120D Datasheet(PDF) 1 Page - Analog Power

Part # ADE4D20120D
Description  1200-V Direct WBG Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

ADE4D20120D Datasheet(HTML) 1 Page - Analog Power

  ADE4D20120D Datasheet HTML 1Page - Analog Power ADE4D20120D Datasheet HTML 2Page - Analog Power ADE4D20120D Datasheet HTML 3Page - Analog Power ADE4D20120D Datasheet HTML 4Page - Analog Power ADE4D20120D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
ADE4D20120D
1200-V Direct WBG Diode
VBR (V)
VF (V)
IF(AV) (A)
1200
1.85
20
Symbol
Limit
Units
VBR
1200
V
TC=25°C
IF(AV)
20 / 40
A
TC=25°C
IFSM
90
A
i
2t
40
A²∙s
Power Dissipation
a d
TC=25°C
PD
52 / 104
W
Tstg
-55 to 175
°C
TJ
-40 to 175
°C
Symbol
Maximum
Units
RθJA
40
RθJC
2.9 / 1.45
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
d.
Per leg / Per device
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
d
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction Temperature
Storage Temperature Range
Diode Forward Current
a d
Single Pulse Forward Current
b
Joule Integral
Parameter
Cathode-Anode Voltage
PRODUCT SUMMARY
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
Key Features:
• SiC performance
• Easy paralleling
• High current carrying capability
• Very low junction capacitance
• Highly stable V
F and QRR at elevated
temperatures
Typical Applications:
• Soft switching topologies
• Secondary side rectification
TO-247-3L
1 2 3
3
1
Case
2
© Preliminary
1
Publication Order Number:
DS_ADE4D20120D_1A


Similar Part No. - ADE4D20120D

ManufacturerPart #DatasheetDescription
logo
Analog Power
ADE4D20120G ANALOGPOWER-ADE4D20120G Datasheet
243Kb / 5P
1200-V Direct WBG Diode
More results

Similar Description - ADE4D20120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH812 STMICROELECTRONICS-STTH812 Datasheet
192Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH3012 STMICROELECTRONICS-STTH3012 Datasheet
121Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH512 STMICROELECTRONICS-STTH512 Datasheet
125Kb / 10P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6112TV STMICROELECTRONICS-STTH6112TV Datasheet
151Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com