Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C14X2.5CY Datasheet(PDF) 1 Page - Belden Inc.

Part # C14X2.5CY
Description  MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C14X2.5CY Datasheet(HTML) 1 Page - Belden Inc.

  C14X2.5CY Datasheet HTML 1Page - Belden Inc. C14X2.5CY Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C14X2.5CY
MachFlex™ 375CY, 14C 2.5 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC
Outer Jkt
Product Description
MachFlex™ 375CY, 14 Conductor 2.5 mm² Stranded Bare Copper, PVC Insulation, PVC Inner Jacket, Tinned Copper Braid Shield, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are installed in occasional flexing and fixed locations. Cable applications include precision control sensors, multi axis control machines, temperature
controllers, control panels, machine cutting tools, auxiliary equipment, motor speed control, production machinery and many more. Tinned copper braid shield ensures cables with
excellent noise immunity
Construction Details
Conductor
Element
No. of Elements
Size
Stranding Stranding Class
Material
Conductor(s) 14
2.5 mm² Stranded
Class 5
BC - Bare Copper
Insulation
Element
Material
Color Code
Conductor(s) PVC - Polyvinyl Chloride White, Black, Blue, Brown, Grey, Red, Violet, Pink, Orange, Green, Beige, Black/White, Blue/White, Brown/White
Outer Shield
Shield Type
Material
Braid
Tinned Copper (TC)
Inner Jacket
Material
PVC - Polyvinyl Chloride
Outer Jacket
Material
PVC - Polyvinyl Chloride
Overall Cable
Diameter (Nominal):
21.9 mm (0.862 in)
Electrical Characteristics
Voltage
Voltage Rating
450/750 V (Max. Operating Voltage), 4000 V (Testing Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-5°C to +70°C(Occasional movement) -40°C to +80°C(Fixed installation)
Bend Radius
Installation Min.
Flexing Min.


Similar Part No. - C14X2.5CY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C14X2.5 BELDEN-C14X2.5 Datasheet
143Kb / 2P
MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
11-08-2023
C14X2.5-006100M BELDEN-C14X2.5-006100M Datasheet
143Kb / 2P
MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
11-08-2023
C14X2.5-006200M BELDEN-C14X2.5-006200M Datasheet
143Kb / 2P
MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
11-08-2023
C14X2.5-006300M BELDEN-C14X2.5-006300M Datasheet
143Kb / 2P
MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
11-08-2023
C14X2.5-010100M BELDEN-C14X2.5-010100M Datasheet
143Kb / 2P
MachFlex™ 375YY, 14 C 2.5mm² Str BC, PVC Ins, PVC Jkt
11-08-2023
More results

Similar Description - C14X2.5CY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
MRTA1P23S BELDEN-MRTA1P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 1 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA12P24S BELDEN-MRTA12P24S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 12 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA15P26S BELDEN-MRTA15P26S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 15 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA20P26S BELDEN-MRTA20P26S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 20 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA3P23S BELDEN-MRTA3P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 3 Pr 23 AWG Str TC, ETFE Ins, TCBS, PVC Outer Jkt
02-02-2023
MRTA3P24S BELDEN-MRTA3P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 3 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA4P24S BELDEN-MRTA4P24S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 4 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA5P23S BELDEN-MRTA5P23S Datasheet
146Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 5 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com