Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADMFM2000 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMFM2000
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMFM2000 Datasheet HTML 4Page - Analog Devices ADMFM2000 Datasheet HTML 5Page - Analog Devices ADMFM2000 Datasheet HTML 6Page - Analog Devices ADMFM2000 Datasheet HTML 7Page - Analog Devices ADMFM2000 Datasheet HTML 8Page - Analog Devices ADMFM2000 Datasheet HTML 9Page - Analog Devices ADMFM2000 Datasheet HTML 10Page - Analog Devices ADMFM2000 Datasheet HTML 11Page - Analog Devices ADMFM2000 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
ADMFM2000
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 28
Table 5. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Type
Description
Power Supplies
B2
VGG_RFAMP_1
Input
Optional Gain Control Voltage for Channel 1 LNA. This pin is internally
self-biased and must normally be left open.
B4
VDD_LNA_1
Input
Analog 5.0 V Input for the Channel 1 LNA.
B18
VSS_DSAS
Input
Analog −5.0 V for DSAs.
D18
VDD_IF_1
Input
Analog 5.0 V Input for the Channel 1 IF Amplifier and Channel 1 DSA.
E4
VDD_LO_DRIVER_1
Input
Analog 5.0 V Input for the Channel 1 LO Driver.
F4
VGG_LOAMP_1
Input
Optional Gain Control Voltage for Channel 1 LO amplifier. This pin is internally
self-biased and must normally be left open.
G4
VGG_LOAMP_2
Input
Optional Gain Control Voltage for Channel 2 LO Amplifier. This pin is internally
self-biased and must normally be left open.
J18
VDD_IF_2
Input
Analog 5.0 V Input for the Channel 2 IF amplifier and Channel 2 DSA.
K4
VGG_RFAMP_2
Input
Optional Gain Control Voltage for the Channel 2 LNA. This pin is internally
self-biased and must normally be left open.
K7
VDD_LO_DRIVER_2
Input
Analog 5.0 V Input for the Channel 2 LO Driver.
M4
VDD_LNA_2
Input
Analog 5.0 V Input for the Channel 2 LNA.
A5, A7, A9, A11, A13, B3, B5, B7 to B9,
B11, B13, B14, B17, C1 to C13, C17, C18,
D3 to D13, D16, D17, E1 to E3, E16 to E19,
F2, F3, F6 to F14, F16, F17, G1 to G3, G6
to G14, G16 to G19, H3, H4, H6 to H14,
H16 to H18, J1 to J4, J16, J17, K1 to K3,
K5, K6, K8 to K13, K15 to K19, L3 to L13,
L17, M1 to M3, M5, M7 to M9, M11, M13,
M17 to M19, N5, N7, N9, N11, N13
GND
Input/Output Ground.
Control Signals
B15
SW1_CTRL_A
Input
Channel 1 Switch Control Input A. The SW1_CTRL_A pin must always be kept
at a valid logic level (refer to Table 1).
B16
SW1_CTRL_B
Input
Channel 1 Switch Control Input B. The SW1_CTRL_B pin must always be kept
at a valid logic level (refer to Table 1).
K14
SW2_CTRL_B
Input
Channel 2 Switch Control Input B. The SW2_CTRL_A pin must always be kept
at a valid logic level (refer to Table 1).
L14
SW2_CTRL_A
Input
Channel 2 Switch Control Input A. The SW2_CTRL_B pin must always be kept
at a valid logic level (refer to Table 1).
Channel 1 DSA Control Inputs
D15
DSA1_V0
Input
Channel 1 DSA Parallel Control Voltage Inputs for the Required Attenuation.
There is no internal pull-up or pull-down resistor on these pins. Therefore, the
DSA1_Vx pins must always be kept at a valid logic level (5 V VINH or 0 V VINL)
and not be left floating.
D14
DSA1_V1
Input
C14
DSA1_V2
Input
C15
DSA1_V3
Input
C16
DSA1_V4
Input
Channel 2 DSA Control Inputs
M14
DSA2_V0
Input
Channel 2 DSA Parallel Control Voltage Inputs for the Required Attenuation.
There is no internal pull-up or pull-down resistor on these pins. Therefore, the
DSA2_Vx pins must always be kept at a valid logic level (refer to Table 1) and
not be left floating.
M15
DSA2_V1
Input
M16
DSA2_V2
Input
L15
DSA2_V3
Input
L16
DSA2_V4
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com