Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Q1121 Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # Q1121
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q1121 Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  Q1121 Datasheet HTML 1Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 2Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 6Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 7Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 8Page - Apex Electronics Co., Ltd Q1121 Datasheet HTML 9Page - Apex Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTM Series
Toggle switch, multiple circuitry, termination, and caps
05
T9
.839
21.3
.020
0.51
.020
0.51
.448
11.38
.487
12.37
Ø
.240
Ø
6.09
Ø
.240
Ø
6.09
.448
11.38
.691
17.56
.630
16.00
Ø
.129
Ø
3.28
15/32-32 UNS-2A
Use with B13 bushing
Use with B18,B20 the lever is antirotation
andthe size of lever is 13.00mm
15/32-32 UNS-2A
T7
T8
Chrome
Finish
Gloss Finish
Plastic
1/4-40
UNS-2A
1/4-40
UNS-2A
1/4-40
UNS-2A
TL1B25 THD STD
B26 NON-THD
TL2B25 THD STD
B26 NON-THD
Use with B13 bushing
Use with B18,B20 the lever is antirotation
and the size of lever is 18.00mm
B1 / B2 bushing std
with black(T92) and red(T93) color
only(std.)
TL3B25 THD STD
B26 NON-THD
.314
8.00
.215
5.44
.567
14.40
LOCKED
.630
16.00
UNLOCKED
.055
1.40
.314
8.00
.579
14.73
LOCKED
.215
5.44
.640
16.26
UNLOCKED
.055
1.40
.314
8.00
.611
15.50
LOCKED
.215
5.44
.681
17.28
UNLOCKED
.055
1.40
1.
2.
1. 2 Positions Lock
2. 3 Positions Lock
Ø
.200
Ø
5.08
.197
5.00
.250
6.35
.484
12.30
.827
21.0
.100
2.54
.100
2.54
Ø
.200
Ø
5.08
T6 FLATTED WITH
ANTIROTATION
T61
T63
.108
2.75
T62
.216
5.50
.094
2.40
.255
6.48
.500
12.70
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Plastic No.Color :
*
Besides standard color,
other colors need to check
stocks available.
NOTE: T6,T61,T62 ,T63 use with B11, B12, B15,



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com