Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCS20120PCT Datasheet(PDF) 4 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS20120PCT
Description  1200V/20A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS20120PCT Datasheet(HTML) 4 Page - Goodwork Semiconductor Co., Ltd .

  SCS20120PCT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS20120PCT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS20120PCT Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS20120PCT Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Dimensions
Symbol
Dimensions In Millimeters
Symbol
Dimensions In Millimeters
Min.
NOM.
Max.
Min.
NOM.
Max.
A
4.83
5.02
5.21
D1
16.25
16.55
17.65
A1
2.29
2.41
2.55
D2
0.51
1.19
1.35
A2
1.50
2.00
2.49
E
15.75
15.94
16.13
b
1.12
1.20
1.33
E1
13.46
14.02
14.16
b1
1.12
1.20
1.28
E2
4.32
4.91
5.49
b2
1.91
2.00
2.39
e
5.44BSC
b3
1.91
2.00
2.34
L
19.81
20.07
20.32
b4
2.87
3.00
3.22
L1
4.10
4.19
4.40
b5
2.87
3.00
3.18
ØP
3.56
3.61
3.65
c
0.55
0.60
0.69
ØP1
7.19REF.
c1
0.55
0.60
0.65
Q
5.39
5.79
6.20
D
20.80
20.95
21.10
S
6.04
6.17
6.30
SCS20120PCT
TO-247
PACKAGE OUTLINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com