Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PABL Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # PABL
Description  Pushbutton switches, optional LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PABL Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  PABL Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
PABL Series
Pushbutton switches, optional LED
01
HOW TO ORDER
MODEL NO.
PABL
LED COLOR
3
(LED+)
4
(LED-)
Single LED
PCB mounting
Dual colors LED
4
(LED-)
3
(LED+)
01
03
76
05
06
Red
White
Blue (Green)
Green
07
Blue
Yellow
COLOR
ITEM NO
Led color
0.8~1.20
THK
Ø
.212
Ø
5.40
Ø
.307
Ø
7.80
PCB MOUNTING & CIRCUIT DIAGRAM
EPOXY
Part No. Shown : PABL-XX
Part No. Shown : PABL-A2
C0.1
Ø
.315
Ø
8.00
SPECIFICATIONS
POLE-POSITION : Momentary Type, SPST with LED
CONTACT RATING : 30V DC,0.1A
CONTACT RESISTANCE :
by Method of Voltage DROP
INSULATION RESISTANCE :
DIELECTRIC STRENGTH : 500V AC for 1 Minute
OPERATING FORCE : 250±100gf
OPERATING LIFE : 50,000 cycles
OPERATING TEMPERATURE RANGE : -40°C ~ 85°C
TOTAL TRAVEL : 1.2±0.3mm
Materials
CAP : PC
CASE & HOUSING : Nylon 6/6
TERMINALS : Copper alloy with gold plated.
4-.079
4-2.00 0.05
0
.002
0
.159±.002
4.05±0.05
4-.028
4-0.70 0.05
0
.002
0
.073
1.85
.146±.002
3.70±0.05
PANEL MOUNTING
0.8~1.20
THK
C0.1
Ø
.315
Ø
8.00
PANEL MOUNTING
.211
5.35
.109
2.79
Ø
.376
Ø
9.55
.694
17.64
.175
4.45
.159
4.05
.146
3.70
.354±.008
9.0±0.2
3
4
1
2
Ø
.212
Ø
5.40
Ø
.307
Ø
7.80
EPOXY
CAP color:black
.109
2.79
Ø
.376
Ø
9.55
.694
17.64
.175
4.45
.146
3.70
.354±.008
9.0±0.2
1
2
Circuit Diagram
Non-LED


Similar Part No. - PABL

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PAB.M0.2GL.AC39AZ LEMO-PAB.M0.2GL.AC39AZ Datasheet
167Kb / 4P
REDEL P - Push-Pull
PAB.M0.2GL.AC39G LEMO-PAB.M0.2GL.AC39G Datasheet
159Kb / 4P
REDEL P - Push-Pull
PAB.M0.2GL.AC39GZ LEMO-PAB.M0.2GL.AC39GZ Datasheet
167Kb / 4P
REDEL P - Push-Pull
PAB.M0.2GL.AC39J LEMO-PAB.M0.2GL.AC39J Datasheet
166Kb / 4P
REDEL P - Push-Pull
PAB.M0.2GL.AC39N LEMO-PAB.M0.2GL.AC39N Datasheet
159Kb / 4P
REDEL P - Push-Pull
More results

Similar Description - PABL

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
E-SWITCH
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com