Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAY Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # PAY
Description  Pushbutton switch, metal button, plastic housing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PAY Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  PAY Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
PAY Series
Pushbutton switch, metal button, plastic housing
01
SPECIFICATIONS
MECHANICAL LIFE: 100,000 make-and-break cycles.
ELECTRICAL LIFE: 50,000 cycles.
CONTACT RESISTANCE: 200 m max. initial @ 2-4VDC 100mA
CONTACT RATING: 0.4Volt-Amps(VA) max.@20V max(AC or DC)
OPERATING POSITION: 0.65±0.2mm.
OPERATING FORCE: 630±130gf.
INSULATION RESISTANCE: 100 M min.
DIELECTRIC STRENGTH: 1,000 V RMS@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
PANEL THICKNESS: 1.5 mm (.059) min. - 5 mm (.197) max.
TORQUE: 2.2 Nm max. applied to nut.
MATERIALS
HOUSING & BUSHING: Nylon 6/6.
BUTTON: Stainless steel.
ACTUATOR: Silicon.
CONTACT / TERMINALS: Copper alloy,with gold plated.
Part No. Shown : PAY063S2011X0M1R01
M1
T
U
N
G
N
I
R
-
O
FUNCTION: Momentary action
SCHEMATIC / PANEL MOUNTING
Ø
.630 +0.004
-0.00
Ø
16.00 +0.10
-0.00
A
OFF
B
B
ON
A
M16x1.0
0.79±0.02
20.00±0.50
0.88±0.02
22.25±0.40
0.59 +0.01
-0.02
15.00 +0.25
-0.5
0.16
4.00
0.19
4.75
0.36
9.20
0.20
0.50
DIMENSION
0.06
1.50
Ø
0.55
Ø
14.00
Ø
0.67
Ø
17.00
0.12
3.00
0.75
19.00
0.86
21.75
M16x1.0
MNU-PY01
FCP-PY02
PANEL CUTOUT


Similar Part No. - PAY

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PAY2CA-3B-01 ELITE-PAY2CA-3B-01 Datasheet
96Kb / 1P
SQUARE, SUPER FLUX TYPE LED
logo
Yellow Stone Corp
PAY2CA-3B-02 YSTONE-PAY2CA-3B-02 Datasheet
82Kb / 1P
FLUX LED LAMPS
PAY3CA-1B-02-S YSTONE-PAY3CA-1B-02-S Datasheet
82Kb / 1P
FLUX LED LAMPS
logo
Carlo Gavazzi Holding A...
PAYPR4 CARLOGAVAZZI-PAYPR4 Datasheet
279Kb / 3P
Panel Actuators and Indicators Type PA2 Contact Block
PAYPR6 CARLOGAVAZZI-PAYPR6 Datasheet
279Kb / 3P
Panel Actuators and Indicators Type PA2 Contact Block
More results

Similar Description - PAY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
Siemens Semiconductor G...
3SB3000-0AA11 SIEMENS-3SB3000-0AA11 Datasheet
129Kb / 3P
22MM PLASTIC ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER BLACK
3SB3000-0AA41 SIEMENS-3SB3000-0AA41 Datasheet
131Kb / 3P
22MM PLASTIC ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER GREEN
3SB3500-0AA21 SIEMENS-3SB3500-0AA21 Datasheet
133Kb / 3P
22MM METAL ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER RED
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com