Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAS28B7 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # PAS28B7
Description  Pushbutton switch, multiple options of caps, 1 amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PAS28B7 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  PAS28B7 Datasheet HTML 1Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 2Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 3Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 4Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 5Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 6Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 7Page - Apex Electronics Co., Ltd PAS28B7 Datasheet HTML 8Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
PAS Series
Pushbutton switch, multiple options of caps, 1 amp
01
SPECIFICATIONS
PAS21
PAS21A OFF-ON
PAS21B OFF-(ON)
PAS21C ON-(OFF)
PAS23A OFF-ON
PAS23B OFF-(ON)
PAS23C ON-(OFF)
PAS24A OFF-ON
PAS24B OFF-(ON)
PAS25A OFF-ON
PAS25B OFF-(ON)
PAS25C ON-(OFF)
PAS26A OFF-ON
PAS26B OFF-(ON)
PAS27A OFF-(ON)
PAS27B ON-(OFF)
PAS28A OFF-(ON)
PAS28B OFF-(ON)
PAS29A OFF-(ON)
PAS29B ON-(OFF)
PAS29C OFF-ON
PAS32A OFF-ON
PAS32B OFF-(ON)
1 (White)
2 (Black)
3 (Red Std.)
4 (Orange)
5 (Yellow)
6 (Green)
7 (Blue)
8 (Brown)
9 (Gray)
HOW TO ORDER
RATING: 1A 125VAC / 250VAC
CONTACT RESISITANCE:
INSULATION RESISITANCE:
DIELECTRIC STRENGTH: AC 1000V 1 MINUTE.
ELECTRICAL LIFE: 5,000 cycles Min.
MECHANICAL LIFE: 10,000 cycles Min.
TERMINAL MATERIAL: Copper,alloy,(silver or gold),plated.
PUSH FORCE: >0.3kg


Similar Part No. - PAS28B7

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
PAS201615F-102M TAI-TECH-PAS201615F-102M Datasheet
154Kb / 1P
Telecoil-antennas Inductor
PAS201615V-102M TAI-TECH-PAS201615V-102M Datasheet
114Kb / 1P
Telecoil-antennas Inductor
logo
Taiyo Yuden (U.S.A.), I...
PAS2026FR2R5504 TAIYO-YUDEN-PAS2026FR2R5504 Datasheet
138Kb / 1P
Thin Film Type Polyacene Capacitors
logo
Pixart Imaging Inc.
PAS202BBA PIXART-PAS202BBA Datasheet
124Kb / 15P
PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BBB PIXART-PAS202BBB Datasheet
115Kb / 15P
PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
More results

Similar Description - PAS28B7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306 NXP-CBTD3306_11 Datasheet
149Kb / 17P
Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
Multiple configuration options
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
Multiple Inductor Options Included
Rev 0; 1/17
logo
Schneider Electric
XB6AW4B1B SCHNEIDER-XB6AW4B1B Datasheet
111Kb / 2P
PUSHBUTTON 240VAC 1.5AMP XB6 OPTIONS
Sep 13, 2021
logo
Maxim Integrated Produc...
MAX77655EVKIT MAXIM-MAX77655EVKIT Datasheet
3Mb / 22P
Evaluation of Multiple On-Key Options
Rev 0; 8/20
logo
Schneider Electric
9001KR1 SCHNEIDER-9001KR1 Datasheet
72Kb / 1P
PUSHBUTTON OPERATOR 30MM K OPTIONS
Dec 20, 2021
9001SK1L32LGG SCHNEIDER-9001SK1L32LGG Datasheet
121Kb / 2P
PUSHBUTTON OPERATOR 30MM SK OPTIONS
Jan 12, 2022
9001SK1L35A SCHNEIDER-9001SK1L35A Datasheet
118Kb / 2P
PUSHBUTTON OPERATOR 30MM SK OPTIONS
Jan 12, 2022
9001SK1L38G SCHNEIDER-9001SK1L38G Datasheet
123Kb / 2P
PUSHBUTTON OPERATOR 30MM SK OPTIONS
Jan 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com