Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP25-A0F100-B0 Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # MP25-A0F100-B0
Description  Mtal pushbutton switch, 1 million cycles, IP67, IK08
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP25-A0F100-B0 Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  MP25-A0F100-B0 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP25-A0F100-B0 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP25-A0F100-B0 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP25-A0F100-B0 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com


04
WIRE OPTIONS
HARDWARE
PANEL MOUNTING
Heat shrink tube
TX Wire leads UL3385 18 AWG (Flying lead Terminal)
D1 Molding, 500mm wire leads UL3385 18 AWG
*
Please consult sales for additional wire options.
Wires:
Yellow wire - Terminal 1 and 4
Purple wire - Terminal 2 and 5
Green wire - Terminal 3 and 6
Red wire - LED (+) Positive
Black wire - LED (-) Negative
.67 MAX.
17 MAX.
MOLDING
.98 REF.
25.0 REF.
.59 MAX.
15 MAX.
1.77
45.0
19.7±.39
500±10
Heat shrink tube
Heat shrink tube
Wire and tinned
500
1000
1500
T1
2000
T4
T2
T3
CODE
DIM ”L”
Wires
DIM ”L”
1.97±.39
50±10
1.97±.39
50±10
1.77±.20
45±5
(–)
(+)
3
2
1
6
5
4
Units: mm
O-RING (Std.)
Model name. FCP-MP25
NUT (Std.)
Model name. MNU-MP03
*
Standard hardware : 1 nut, 1 O-ring
*
For further information please consult sales representatity.
1.10
28.0
M25x1.0
.12
3.10
Ø
.89
Ø
22.30
.06
1.50
O-RING
O-RING
l
e
n
a
p
e
h
t
d
n
i
h
e
B
l
e
n
a
p
e
h
t
f
o
t
n
o
rf
n
I
Proposal
Installation
Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com