Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV16MHXXD103LP Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RV16MHXXD103LP
Description  16mm Rotary Potentiometer, metal shaft and bushing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV16MHXXD103LP Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RV16MHXXD103LP Datasheet HTML 1Page - Apex Electronics Co., Ltd RV16MHXXD103LP Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV16M Series
16mm Rotary Potentiometer, metal shaft and bushing
01
Features
Metal shaft and bushing
Optional rotary or push-pull switch
Solder lug or thru-hole terminal
Dual output available
Custom options available
Applications
Panel control that requires analog signal change via rotation. Popular
for applications in audio, instrument, industrial, or radio market.
Potentiometer Specification
How to order
RV16M
Series
Center Detent
L No detent
C Center detent
Shaft & Bushing
Refer to page 2
Mounting
V Vertical
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
H Horizontal
Output
S Single
D Dual
Operating Temperature
-10°C to +70°C
Operating Force
30 ~ 250 gf.cm
Total Resistance
5, 10, 20, 50, 100, 250, 500 K
Total Resistance Tolerance
±20%
Stop Strength
9Kgf.cm min.
Pull-pull Strength
10Kgf.cm min.
Detent Options
Center, 11, 21, 41 detents
Resistance Taper
Standard linear , custom linear or audio
Total Rotational Angle
300°
Power Rating
0.1W
Life Cycle
15,000
1 11-detent
2 21-detent
4 41-detent
Switch
L No SW
R Rotary SW
P Push-pull SW


Similar Part No. - RV16MHXXD103LP

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16YD-4C10FA100K TOCOS-RV16YD-4C10FA100K Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16YD-4C10FA101K TOCOS-RV16YD-4C10FA101K Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16YD-4C10FA102K TOCOS-RV16YD-4C10FA102K Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV16YD-4C10FA103K TOCOS-RV16YD-4C10FA103K Datasheet
669Kb / 6P
16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results

Similar Description - RV16MHXXD103LP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8182 BOURNS-8182 Datasheet
262Kb / 5P
Metal shaft and bushing
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
EN16 BITECH-EN16 Datasheet
262Kb / 3P
16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
16mm Size Metal Shaft DP Rotary Potentiometers
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P231 BITECH-P231 Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com