Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM4563C Datasheet(PDF) 4 Page - Analog Power

Part # AM4563C
Description  N & P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4563C Datasheet(HTML) 4 Page - Analog Power

  AM4563C Datasheet HTML 1Page - Analog Power AM4563C Datasheet HTML 2Page - Analog Power AM4563C Datasheet HTML 3Page - Analog Power AM4563C Datasheet HTML 4Page - Analog Power AM4563C Datasheet HTML 5Page - Analog Power AM4563C Datasheet HTML 6Page - Analog Power AM4563C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Analog Power
AM4563C
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
Typical Electrical Characteristics - N-channel
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
10
20
30
40
50
60
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
0.2
0.1
0.05
0.02
P(pk)
t1
t2
D = 0.5
Single Pulse
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
0
2
4
6
8
10
0
5
10
15
20
Qg - Total Gate Charge (nC)
RθJA = 110 °C /W
ID = 2.5A
VDS = 30V
© Preliminary
4
Publication Order Number:
DS_AM4563C_1A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com