Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPMS9P1B06M7QE Datasheet(PDF) 6 Page - Apex Electronics Co., Ltd

Part # SPMS9P1B06M7QE
Description  Miniature pushbutton switches, optional LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPMS9P1B06M7QE Datasheet(HTML) 6 Page - Apex Electronics Co., Ltd

  SPMS9P1B06M7QE Datasheet HTML 1Page - Apex Electronics Co., Ltd SPMS9P1B06M7QE Datasheet HTML 2Page - Apex Electronics Co., Ltd SPMS9P1B06M7QE Datasheet HTML 3Page - Apex Electronics Co., Ltd SPMS9P1B06M7QE Datasheet HTML 4Page - Apex Electronics Co., Ltd SPMS9P1B06M7QE Datasheet HTML 5Page - Apex Electronics Co., Ltd SPMS9P1B06M7QE Datasheet HTML 6Page - Apex Electronics Co., Ltd SPMS9P1B06M7QE Datasheet HTML 7Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPM Series
Miniature pushbutton switches, optional LED
06
SPMSL
MODEL
NO.
SP
Q28
NO.
POLES
UL/CSA
MODEL
NO.
ON
ON
POS.2
SWITCH FUNCTION
POS.1
SWITCH FUNCTION
POLE OPTIONS
2 (COMM)
NC 1
3 NO
2-1
2-3
POS.1
POS.2
2 (COMM)
NC 1
3 NO
CONNECTED TERMINALS / SCHEMATIC
SPECIFICATIONS
RATING: 1A 250VAC, 3A 120VAC or 28VDC
ELECTRICAL LIFE: 6,000 cycles.
CONTACT RESISTANCE: R=20 m max. ,Q=50 m max.
INSULATION RESISTANCE: 1,000 M min., 1000VDC
DIELECTRIC STRENGTH: 1,000 VAC for 1 Minute.
OPERATING TEMPERATURE: -30°C to 85°C.
FULL TRAVEL: 1.88±0.30mm
OPERATING TRAVEL: 1.34±0.25mm
OPERATING FORCE: 350±100g
MATERIALS
CASE: Diallyl phthalate(DAP) (UL94V-0).
PLUNGER: Nylon glass fiber.
BUSHING: Brass,nickel plated.
HOUSING: Stainless.
SWITCH SUPPORT: Brass.tin plated.
CONTACT/TERMINAL:Brass, with silver or gold plated. (See Page 117)
.100
2.54
.020
0.50
Ø
.098
Ø
2.50
.362
9.22
.160
4.06
.201
5.10
.318
8.10
Ø
.240
Ø
6.10
.206
5.24
.168
4.29
1.34 ± 0.25 (OPERATING TRAVEL)
1.88 ± 0.30 (FULL TRAVEL)
.100
2.54
.020
0.50
Ø
.098
Ø
2.50
.362
9.22
.201
5.10
.318
8.10
Ø
.240
Ø
6.10
.206
5.24
.168
4.29
Part No. Shown : SPMSLP1B05M1QE
Part No. Shown : SPMSLP1B06M2QE
SPDT
M1
SPDT
M2
.060
1.52
.110
2.79
EPOXY SEAL
10-48 UNS
.110
3.30
EPOXY SEAL
.030
0.76
1.34 ± 0.25 (OPERATING TRAVEL)
1.88 ± 0.30 (FULL TRAVEL)
BUSHING AND TERMINATION OPTIONS
B05 THD
B06 NON-THD
.078
1.98
Ø
.240
Ø
6.10
.020
0.51
.023
0.60
.206
5.24
10-48 UNS
.078
1.98
Ø
.240
Ø
6.10
.020
0.51
.023
0.60
.206
5.24
.160
4.06
.030
0.76
.060
1.52
EPOXY
SEAL
.030
0.76
EPOXY
SEAL
.130
3.30
.110
2.79
.060
1.53
EPOXY
SEAL
.030
0.76
.600
15.24
.060
1.52
.070
1.78
.020
0.51THK.
.020
0.51THK.
.020
0.51THK.
OTHER TERMINATION OPTIONS
Right angle P.C. Mount
Right angle P.C. Mount
Vertical bracket P.C. Mount
M6
M7
VS2
M2 PC Thru-hole
M1 Solder lug
M5 Wire Wrap



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com