Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S0F120 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # S0F120
Description  12mm Rotary Encoder, illumination, vertical & horizontal mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

S0F120 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  S0F120 Datasheet HTML 1Page - Apex Electronics Co., Ltd S0F120 Datasheet HTML 2Page - Apex Electronics Co., Ltd S0F120 Datasheet HTML 3Page - Apex Electronics Co., Ltd S0F120 Datasheet HTML 4Page - Apex Electronics Co., Ltd S0F120 Datasheet HTML 5Page - Apex Electronics Co., Ltd S0F120 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE12D Series
12mm Rotary Encoder, illumination, vertical & horizontal mount
02
How to order
SRE11D
Series
PPR
Mounting
VTB Vertical with bushing
HTB Horizontal with bushing
12 12 Pulse
Detent
1 No detent
2 With detent
Bushing, Shaft, Switch
Please refer to page 3
VTB Vertical w/o bushing
HTB Horizontal w/o bushing
24 24 Pulse
Illumination
As below table
Illumination part no.
0 Red
A Blue - Orange
M Red - Green - Blue
1 Lawn green
B Green - Red
2 Blue
C Blue - Green
3 Orange
D Red - Green
4 White
E Green - Orange
5 Green
F Blue - Red
6 Dark orange
I
White - Red
J White - Green
Single Color
Dual Color
Triple Color



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com