Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMS1S102M4RES Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SMS1S102M4RES
Description  Miniature Slide Switch, multiple contact arrangement
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SMS1S102M4RES Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SMS1S102M4RES Datasheet HTML 1Page - Apex Electronics Co., Ltd SMS1S102M4RES Datasheet HTML 2Page - Apex Electronics Co., Ltd SMS1S102M4RES Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SM Series
Miniature Slide Switch, multiple contact arrangement
01
S1
S2
S3
S4
S5
Flush
2.80 high
Slide
6.00 high
Slide
SMS1 SP On-None-On
SMS3 SP On-Off-On
SMD1 DP On-None-On
SMD3 DP On-Off-On
MODEL NO.
ACTUATOR
ACTUATOR
COLOR
RoHS
SOLDERING
Rohs soldering
TERMINATIONS
TERMINAL
PLATING
SEAL
E EPOXY (std)
M1
M2
M3
M4
SPDT - PC thru-hole
DPDT - PC thru-hole
SPDT - PC thru-hole
DTDT - PC thru-hole
Terminations
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
Model NO.
Actuator
02 black(std)
Actuator color
E
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER
SPECIFICATIONS
CONTACT RESISTANCE:
MECHANICAL LIFE: 20,000 cycles.
INSULATION RESISTANCE:
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -40°C to 80°C.
MATERIALS
CASE: PBT,white.
ACTUATOR: PBT,black .
HOUSING: POM,black .
CONTACT/TERMINALS: Copper alloy,with silver or gold plated .
(See Page 3)


Similar Part No. - SMS1S102M4RES

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
List of Unclassifed Man...
SMS10CH1Z17 ETC2-SMS10CH1Z17 Datasheet
430Kb / 16P
Quick mating panel and cable connectors
SMS10CH2Z17 ETC2-SMS10CH2Z17 Datasheet
430Kb / 16P
Quick mating panel and cable connectors
SMS10P3 ETC2-SMS10P3 Datasheet
430Kb / 16P
Quick mating panel and cable connectors
SMS10PH3TR29 ETC2-SMS10PH3TR29 Datasheet
430Kb / 16P
Quick mating panel and cable connectors
More results

Similar Description - SMS1S102M4RES

ManufacturerPart #DatasheetDescription
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
JSX CK-COMPONENTS-JSX Datasheet
296Kb / 1P
Sub-Miniature Slide Switch
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
L202121MS02Q CK-COMPONENTS-L202121MS02Q Datasheet
366Kb / 6P
Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
SHINMEI ELECTRIC CO., L...
SLD-12-500 SHINMEI-SLD-12-500 Datasheet
250Kb / 8P
2mm Travel Miniature Sized Slide Switch
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
2mm Travel Miniature Sized Slide Switch
logo
C&K Components
JSX CK-COMPONENTS-JSX_V01 Datasheet
149Kb / 1P
Sub-Miniature Slide Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com