Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPAS8P1A1M1CESC55 Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # SPAS8P1A1M1CESC55
Description  Miniature pushbutton switches, optional LED, IP67
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPAS8P1A1M1CESC55 Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  SPAS8P1A1M1CESC55 Datasheet HTML 1Page - Apex Electronics Co., Ltd SPAS8P1A1M1CESC55 Datasheet HTML 2Page - Apex Electronics Co., Ltd SPAS8P1A1M1CESC55 Datasheet HTML 3Page - Apex Electronics Co., Ltd SPAS8P1A1M1CESC55 Datasheet HTML 4Page - Apex Electronics Co., Ltd SPAS8P1A1M1CESC55 Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPA Series
Miniature pushbutton switches, optional LED, IP67
05
P.C. MOUNTING
P.C. MOUNTING
Part No. Shown : SPAS8P1A1VS2RE
Part No. Shown : SPAD9P1A2VS2RE
VS2
VS2
DPST
SPDT
.100
2.54
.400
10.16
Ø
.043
Ø
1.09
Ø
.100
Ø
2.54
.200
5.08
.130
3.30
.366
9.30
.030
0.76
.100
2.54
.400
10.16
.232
5.90
.162
4.11
.016
0.40
.020
0.51
EPOXY
SEAL
.240
6.10
1
2
3
3
1 2
.200
5.08
.400
10.16
Ø
.043
Ø
1.09
.200
5.08
EPOXY
SEAL
.130
3.30
.366
9.30
.200
5.08
.030
0.76
.400
10.16
.200
5.08
.016
0.40
.020
0.51
Ø
.100
Ø
2.54
.215
5.46
.162
4.11
.398
10.11
1
3
4
6
4
6
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Gold flash over silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com