Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAS2T1A1V2NRES Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # STAS2T1A1V2NRES
Description  Miniature toggle switches, IP67
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

STAS2T1A1V2NRES Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  STAS2T1A1V2NRES Datasheet HTML 1Page - Apex Electronics Co., Ltd STAS2T1A1V2NRES Datasheet HTML 2Page - Apex Electronics Co., Ltd STAS2T1A1V2NRES Datasheet HTML 3Page - Apex Electronics Co., Ltd STAS2T1A1V2NRES Datasheet HTML 4Page - Apex Electronics Co., Ltd STAS2T1A1V2NRES Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
STA Series
Miniature toggle switches, IP67
05
CONTACT MATERIAL OPTIONS
SNAP-IN TERMINATION OPTIONS
M6N
N
2
V
N
7
M
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350oC
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
3 Amps with resistant load @ 120VAC or 28VDC
1 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Gold flash over silver
C = Gold over silver
R = Gold
TERMINAL PLATING
SOLDERING PROCESSES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com