Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TRKSP2ABK Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # TRKSP2ABK
Description   230V GU10 Track Spotlight - Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

TRKSP2ABK Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  TRKSP2ABK Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
TRKSP2ABK
DESCRIPTION
230V GU10 Track Spotlight - Black
NET WEIGHT (KG)
0.136
FINISH
Black
DIMENSIONS (MM)
Diameter - 34
Length - 50
Projection - 131
Overall Height - 145
TILT (DEGREES)
80
ROTATION (DEGREES)
350
CONSTRUCTION
Construction - Aluminium
CLASS
I
IP RATING
IP20
MAX. WATTAGE (W)
50
LAMP TECHNOLOGY
Halogen / LED Compatible
LAMP BASE
GU10
LAMP INCLUDED
No
LED COMPATIBLE
Yes
DIMMABLE
Lamp dependent
INPUT VOLTAGE
230V 50Hz
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270824636
Date Created: 29/04/2024 02:59
www.mlaccessories.co.uk
TRKSP2ABK
230V GU10 Track Spotlight - Black


Similar Part No. - TRKSP2ABK

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
TRKSP2ABC KNIGHTSBRIDGE-TRKSP2ABC Datasheet
183Kb / 1P
230V GU10 Track Spotlight - Brushed Chrome
29/04/2024
More results

Similar Description - TRKSP2ABK

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
TLL-GU10F1W-061 BETLUX-TLL-GU10F1W-061 Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
120VAC Triac Dimmable GU10 LED Driver
Rev 2
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com