Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55015-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD55015-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD55015-E Datasheet HTML 8Page - STMicroelectronics PD55015-E Datasheet HTML 9Page - STMicroelectronics PD55015-E Datasheet HTML 10Page - STMicroelectronics PD55015-E Datasheet HTML 11Page - STMicroelectronics PD55015-E Datasheet HTML 12Page - STMicroelectronics PD55015-E Datasheet HTML 13Page - STMicroelectronics PD55015-E Datasheet HTML 14Page - STMicroelectronics PD55015-E Datasheet HTML 15Page - STMicroelectronics PD55015-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Test circuit
PD55015-E, PD55015S-E
12/27
5
Test circuit
Figure 26.
Test circuit schematic
Table 6.
Test circuit component part list
Component
Description
B1,B2
FERRITE BEAD - Fair-rite Corp #2743021447
C1,C12
300 pF, 100 mil CHIP CAPACITOR
C2,C3,C4,C11,C12,C13
1 to 20 pF TRIMMER CAPACITOR
C6, C18
120 pF 100 mil CHIP CAPACITOR
C9, C15
10
µF, 50 V ELECTROLYTIC CAPACITOR
C8, C16
0.1 mF, 100 mil CHIP CAP
C7, C17
1.000 pF 100 mil CHIP CAP
C5, C10
33 pF, 100 mil CHIP CAP
L1
56 nH, 6 TURNS, 18 AWG MAGNET WIRE, Id = .140" HAND WOUND CHOKE
N1, N2
TYPE N FLANGE MOUNT
R1
15
Ω, 1 W CHIP RESISTOR
R2
1 K
Ω, 1 W CHIP RESISTOR
R3
33 K
Ω, 1 W CHIP RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27