Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP182T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFP182T
Description  Silicon NPN Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP182T Datasheet(HTML) 3 Page - Vishay Siliconix

  BFP182T Datasheet HTML 1Page - Vishay Siliconix BFP182T Datasheet HTML 2Page - Vishay Siliconix BFP182T Datasheet HTML 3Page - Vishay Siliconix BFP182T Datasheet HTML 4Page - Vishay Siliconix BFP182T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFP182T / BFP182TW / BFP182TRW
Document Number 85013
Rev. 1.4, 15-Apr-05
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 6 V, IC = 5 mA,
f = 500 MHz
fT
5.5
GHz
VCE = 8 V, IC = 20 mA,
f = 500 MHz
fT
7.5
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 8 V, f = 1 MHz
Cce
0.2
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.7
pF
Noise figure
VCE = 6 V, IC = 5 mA, ZS = ZSopt,
f = 900 MHz
F1.5
dB
VCE = 6 V, IC = 5 mA, ZS = ZSopt,
f = 1.75 GHz
F2.0
dB
Power gain
VCE = 8 V, IC = 20 mA,
ZS = 50 Ω, ZL = ZLopt,
f = 900 MHz
Gpe
18
dB
VCE = 8 V, IC = 20 mA,
ZS = 50 Ω, ZL = ZLopt,
f = 1.75 GHz
Gpe
12
dB
Transducer gain
VCE = 8 V, IC = 20 mA,
Z0 = 50 Ω, f = 900 MHz
|S21e|
2
15
dB
Mounting Pad Layout
96 12240
0.50(0.020)
0.35 (0.014)
1.8 (0.070)
1.6 (0.062)
0.9 (0.035)
0.75 (0.029)
2.0 (0.078)
1.8 (0.070)
3.0 (0.117)
2.8 (0.109)
0.15 (0.006)
0.08 (0.003)
1.1 (0.043)
0.9 (0.035)
0...0.1 (0...0.004)
ISO Method E
0.65 (0.025)
1.17 (0.046)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com