Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3SM122KZB1VD-002-R Datasheet(PDF) 7 Page - Solid State System Co., Ltd.

Part # 3SM122KZB1VD-002-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM122KZB1VD-002-R Datasheet(HTML) 7 Page - Solid State System Co., Ltd.

Back Button 3SM122KZB1VD-002-R Datasheet HTML 3Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 4Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 5Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 9Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 10Page - Solid State System Co., Ltd. 3SM122KZB1VD-002-R Datasheet HTML 11Page - Solid State System Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Version 1.3
Date: 2023-04-19
- 7 -
MEMS Microphone IC
3SM122KZB1VD-002-R
WWW.3SYSTEM.COM.TW
Reflow Profile
Table 5. Recommended Reflow Profile Limits
Profile Feature
Pb-free
Preheat
Minimum temperature (Tsmin)
Maximum temperature (Tsmax)
Time (ts)
Average Ramp up rate (Tsmax to Tp)
Melting area
Melting temperature (TL)
Time maintained above melting (tl)
Peak Temperature (TP)
Time within 5℃ of actual peak temperature
Ramp down rate
Time 25℃ to peak temperature
150 ℃
200 ℃
60~180 sec
3 ℃/sec
217 ℃
60~150 sec
260 ℃
20~40 sec
6 ℃/sec maximum
8 minute maximum
Notes: Based on IPC/JDEC J-STD-020 Revision F.
All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com