Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2016-7607 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2016-7607
Description  2-conductor ground terminal block; 16 mm²; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 16,00 mm²; green yellow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2016-7607 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2016-7607 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2016-7607 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data sheet | Item number: 2016-7607
2-conductor ground terminal block; 16 mm²; side and center marking; for
DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP®; 16,00 mm²; green-
yellow
www.wago.com/2016-7607
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
23.11.2021    Page /
1 12
Color:
Data
Electrical data
Ratings per IEC/EN
Ratings per
IEC/EN 60947-7-2
Note on rated current 1
15 mm high DIN-35 rails shall be used for a current load higher than


Similar Part No. - 2016-7607

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2016-7601 WAGO-2016-7601 Datasheet
571Kb / 12P
2-conductor supply terminal blocks for distribution boxes; 16 mm짼
23.11.2021
2016-7604 WAGO-2016-7604 Datasheet
359Kb / 12P
2-conductor supply terminal blocks for distribution boxes; 16 mm짼
24.11.2021
More results

Similar Description - 2016-7607

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2204-1207 WAGO-2204-1207 Datasheet
790Kb / 14P
2-conductor ground terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; green-yellow
24.11.2021
2204-1307 WAGO-2204-1307 Datasheet
806Kb / 14P
3-conductor ground terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; green-yellow
24.11.2021
2206-1207 WAGO-2206-1207 Datasheet
739Kb / 14P
2-conductor ground terminal block; with push-button; 6 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 6,00 mm짼; green-yellow
24.11.2021
2210-1207 WAGO-2210-1207 Datasheet
730Kb / 13P
2-conductor ground terminal block; with push-button; 10 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 10,00 mm짼; green-yellow
24.11.2021
2216-1201 WAGO-2216-1201 Datasheet
755Kb / 15P
2-conductor through terminal block; with push-button; 16 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 16,00 mm짼; gray
24.11.2021
2216-1207 WAGO-2216-1207 Datasheet
706Kb / 13P
2-conductor ground terminal block; with push-button; 16 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 16,00 mm짼; green-yellow
24.11.2021
2216-1301 WAGO-2216-1301 Datasheet
754Kb / 14P
3-conductor through terminal block; with push-button; 16 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 16,00 mm짼; gray
24.11.2021
769-227 WAGO-769-227 Datasheet
705Kb / 11P
2-pin ground carrier terminal block; for DIN-rail 35 x 15 and 35 x 7.5; green-yellow
29.12.2021
870-831 WAGO-870-831 Datasheet
1,009Kb / 9P
4-conductor through terminal block; 2.5 mm²; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP®; 2,50 mm²; gray
Version 28.03.2023
281-663 WAGO-281-663 Datasheet
154Kb / 17P
4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com