Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z08 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z08
Description  5V, 64 Kbit (8Kb x 8) ZEROPOWER® SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z08 Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z08 Datasheet HTML 1Page - STMicroelectronics M48Z08 Datasheet HTML 2Page - STMicroelectronics M48Z08 Datasheet HTML 3Page - STMicroelectronics M48Z08 Datasheet HTML 4Page - STMicroelectronics M48Z08 Datasheet HTML 5Page - STMicroelectronics M48Z08 Datasheet HTML 6Page - STMicroelectronics M48Z08 Datasheet HTML 7Page - STMicroelectronics M48Z08 Datasheet HTML 8Page - STMicroelectronics M48Z08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
M48Z08, M48Z18
SUMMARY DESCRIPTION
The M48Z08/18 ZEROPOWER® RAM is a 8K x 8
non-volatile static RAM which is pin and functional
compatible with the DS1225.
The monolithic chip is available in two special
packages to provide a highly integrated battery
backed-up memory solution.
The M48Z08/18 is a non-volatile pin and function
equivalent to any JEDEC standard 8K x 8 SRAM.
It also easily fits into many ROM, EPROM, and
EEPROM sockets, providing the non-volatility of
PROMs without any requirement for special write
timing or limitations on the number of writes that
can be performed.
The 28-pin, 600mil DIP CAPHAT™ houses the
M48Z08/18 silicon with a long life lithium button
cell in a single package.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. DIP Connections
AI01022
13
A0-A12
W
DQ0-DQ7
VCC
M48Z08
M48Z18
G
VSS
8
E
A0-A12
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
NC
A10
A8
A9
DQ7
W
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
NC
VCC
AI01183
M48Z08
M48Z18
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com