Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3D08065ETR Datasheet(PDF) 7 Page - SMC Diode Solutions Co. LTD

Part # S3D08065ETR
Description  650V SIC POWER SCHOTTKY RECTIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065ETR Datasheet(HTML) 7 Page - SMC Diode Solutions Co. LTD

Back Button S3D08065ETR Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 7Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 8Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 9Page - SMC Diode Solutions Co. LTD S3D08065ETR Datasheet HTML 10Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Data
Data Sheet N2425, REV. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065A
S3D08065E
S3D08065G
S3D08065F
S3D08065I
Carrier Tape & Reel Specification D2PAK(TO-263-2)
SYMBOL
Millimeters
Min.
Max.
A
10.70
10.90
B
16.03
16.23
C
5.11
5.31
d
1.45
1.65
E
1.65
1.85
F
11.40
11.60
P0
3.90
4.10
P
15.90
16.10
P1
1.90
2.10
W
23.90
24.30
Mechanical Dimensions TO-220AC(TO-220-2)
Symbol
Dimensions in millimeters
Min.
Typical
Max.
A
3.56
-
4.83
A1
0.51
-
1.40
A2
2.03
-
2.92
b
0.38
-
1.02
b1
1.14
-
1.78
c
0.31
-
0.61
D
14.22
-
16.51
D1
8.38
-
9.42
E
-
-
1.78
E1
9.65
10.16
10.67
e1
-
5.08
-
H1
5.84
-
6.86
L
12.70
-
14.73
L1
-
-
6.35
ΦP
-
3.56
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com