Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3D08065G Datasheet(PDF) 6 Page - SMC Diode Solutions Co. LTD

Part # S3D08065G
Description  650V SIC POWER SCHOTTKY RECTIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065G Datasheet(HTML) 6 Page - SMC Diode Solutions Co. LTD

Back Button S3D08065G Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 7Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 8Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 9Page - SMC Diode Solutions Co. LTD S3D08065G Datasheet HTML 10Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical Data
Data Sheet N2425, REV. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065A
S3D08065E
S3D08065G
S3D08065F
S3D08065I
Marking Diagram
Tube Specification(TO-220-2/TO-220-F2/TO-220-Isolation)
Carrier Tape & Reel Specification DPAK(TO-252-2)
SYMBOL
Millimeters
Min.
Max.
A
6.80
7.00
B
10.40
10.60
C
2.60
2.80
d
Φ1.45
Φ1.65
E
1.65
1.85
F
7.40
7.60
P0
3.90
4.10
P
7.90
8.10
P1
1.90
2.10
W
15.90
16.30
Where XXXXX is YYWWL
S3D
= Device Type
A/E/G/F/I
= Package type
08
= Forward Current (8A)
65
= Reverse Voltage (650V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com